| データシートサーチシステム |
|
AD1812JS データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1812JS データシート(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() AD1812 REV. 0 –6– Format Word 1 (16-Bit) Word 0 (16-Bit) MSB LSB MSB LSB Mono, 16-Bit Upper 8 Bits of Lower 8 Bits of Upper 8 Bits of Lower 8 Bits of Sample 1 Sample 1 Sample 0 Sample 0 Little Endian Left Channel Left Channel Left Channel Left Channel Stereo, 16-Bit Upper 8 Bits of Lower 8 Bits of Upper 8 Bits of Lower 8 Bits of Sample 0 Sample 0 Sample 0 Sample 0 Little Endian Right Channel Right Channel Left Channel Left Channel Mono, 8-Bit Sample 3, 8 Bits Sample 2, 8 Bits Sample 1, 8 Bits Sample 0, 8 Bits Linear PCM -Law PCM Left Channel Left Channel Left Channel Left Channel A-Law PCM Stereo, 8-Bit Sample 1, 8 Bits Sample 1, 8 Bits Sample 0, 8 Bits Sample 0, 8 Bits Linear PCM -Law PCM Right Channel Left Channel Right Channel Left Channel A-Law PCM Mono, 4-Bit Sample 7, Sample 6, Sample 5, Sample 4, Sample 3, Sample 2, Sample 1, Sample 0, 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits IMA-ADPCM Left Left Left Left Left Left Left Left Channel Channel Channel Channel Channel Channel Channel Channel Stereo, 4-Bit Sample 3, Sample 3, Sample 2, Sample 2, Sample 1, Sample 1, Sample 0, Sample 0, 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits 4 Bits IMA-ADPCM Right Left Right Left Right Left Right Left Channel Channel Channel Channel Channel Channel Channel Channel Mono, 16-Bit Lower 8 Bits of Upper 8 Bits of Lower 8 Bits of Upper 8 Bits of Sample 1 Sample 1 Sample 0 Sample 0 Big Endian Left Channel Left Channel Left Channel Left Channel Stereo, 16-Bit Lower 8 Bits of Upper 8 Bits of Lower 8 Bits of Upper 8 Bits of Sample 0 Sample 0 Sample 0 Sample 0 Big Endian Right Channel Right Channel Left Channel Left Channel *Regardless of the data format used, the AD1812’s codec always transfers 32 bits of data (two 16-bit words). Table I. Codec Transfer 16-Bit Interface, No Byte Swap (P/CINF8 = 0, P/CBSW = 0)* IOR/IOW tBWDN WORD 0 WORD 1 tSTW tSTW DATA (15:0) Figure 5. Codec Transfers 16-Bit Interface |