データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPS5040N1R0MF データシート(PDF) 6 Page - Superworld Electronics

部品番号 SPS5040N1R0MF
部品情報  Low Profile (Metal Alloy) Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5040N1R0MF データシート(HTML) 6 Page - Superworld Electronics

  SPS5040N1R0MF Datasheet HTML 1Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 2Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 3Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 4Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 5Page - Superworld Electronics SPS5040N1R0MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Low Profile (Metal Alloy) Inductors – L301212HF Series
Proprietary and Confidential
Document of Superworld
27/07/2016
P6
9-4 Tearing Off Force
Application Notice:
1. Storage Conditions:
To maintain the solderabililty of terminal electrodes:
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
2. Transportation:
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
b) Vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
The force for tearing off cover tape is 15 to 60 grams in the
arrow direction under the following conditions.
Room Temp.
(°C)
Room
Humidity
(%)
Room atm
(hPa)
Tearing
Speed
mm/min
5~35
45~85
860~1060
300



Html Pages

1 2 3 4 5 6