データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST26VF032BA データシート(PDF) 43 Page - Microchip Technology

部品番号 SST26VF032BA
部品情報  2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA データシート(HTML) 43 Page - Microchip Technology

Back Button SST26VF032BA Datasheet HTML 39Page - Microchip Technology SST26VF032BA Datasheet HTML 40Page - Microchip Technology SST26VF032BA Datasheet HTML 41Page - Microchip Technology SST26VF032BA Datasheet HTML 42Page - Microchip Technology SST26VF032BA Datasheet HTML 43Page - Microchip Technology SST26VF032BA Datasheet HTML 44Page - Microchip Technology SST26VF032BA Datasheet HTML 45Page - Microchip Technology SST26VF032BA Datasheet HTML 46Page - Microchip Technology SST26VF032BA Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
 2013-2016 Microchip Technology Inc.
DS20005218E-page 43
SST26VF032B / SST26VF032BA
FIGURE 6-1:
POWER-UP TIMING DIAGRAM
FIGURE 6-2:
POWER-DOWN AND VOLTAGE DROP DIAGRAM
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
Commands may not be accepted or properly
interpreted by the device.
20005218 F27.0
Device
Access
Allowed
TPD
TPU
No Device Access Allowed
Time
VDD Min
VDD Max
VDD
20005218 F72.0
VOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77