| データシートサーチシステム |
|
IS1870SF データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
IS1870SF データシート(HTML) 39 Page - Microchip Technology |
|
39 / 44 page ![]() 2015-2016 Microchip Technology Inc. DS60001371C-Page 39 IS1870/71 APPENDIX C: REVISION HISTORY Revision A (October 2015) This is the initial released version of this document. Revision B (October 2015) This revision includes the following changes as well as minor updates to text and formatting, which were incorporated throughout the document. Revision C (March 2016) This revision includes the following changes and minor updates to text and formatting, which were incorporated through- out the document. Status Description Section “Features” The section has been updated with new information. Section “Packages” The section is updated with the package information. Section 1.0 “Device Overview” Updated Figure 1-1 and Figure 1-2. Added Table 1-1 Status Description Section “Features” The section is updated with new information. Section 1.0 “Device Overview” Updated Figure 1-1 and Figure 1-2. Updated Table 1-1 and Table 1-2. Section 2.0 “System Block Details” Updated 2.2 “System Block Specification” and 2.3 “Host MCU Interface Over UART” with new information. Section 3.0 “Electrical Character- istics” Updated 3.1.1 “Tx/Rx Current Consumption Details”. Updated Figure 3-1 and Figure 3-2. Updated Table 3-1 and Table 3-2. Section 5.3 “Storage Condition” Deleted Figure 5-4. Section 6.0 “Ordering Guide” Updated Table 6-1 Appendix A: “Reference Circuit” Updated Figure A-1 and Figure A-3 Added Figure A-2 and Figure A-4 Appendix C: Bill of Material Deleted IS1870SF_IS1871SF.book Page 39 Thursday, March 31, 2016 10:29 AM |