データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9250 データシート(PDF) 13 Page - Microchip Technology

部品番号 LAN9250
部品情報  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 データシート(HTML) 13 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 9Page - Microchip Technology LAN9250 Datasheet HTML 10Page - Microchip Technology LAN9250 Datasheet HTML 11Page - Microchip Technology LAN9250 Datasheet HTML 12Page - Microchip Technology LAN9250 Datasheet HTML 13Page - Microchip Technology LAN9250 Datasheet HTML 14Page - Microchip Technology LAN9250 Datasheet HTML 15Page - Microchip Technology LAN9250 Datasheet HTML 16Page - Microchip Technology LAN9250 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 13
LAN9250
3.2
64-TQFP-EP Pin Assignments
FIGURE 3-2:
64-TQFP-EP PIN ASSIGNMENTS (TOP VIEW)
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
(Connect exposed pad to ground with a via field)
VS S
LAN9250
64-TQFP-EP
( Top V i ew)
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
CS
A1/ALELO
D11/AD11
D12/AD12
VDDIO
D9/AD9/SCK
A2/ALEHI
VDDCR
D10/AD10
A3/MNGT2
A4/MNGT3
WR/ENB
D0/AD0/SI/SIO0
PME
VDDIO
RD/RD_WR
RBIAS
VDD12TX1
VDD33TXRX1
VDD33BIAS
RXPA
TXNA
TXPA
RXNA
VDD12TX2
RESERVED
RESERVED
RESERVED
D5/AD5/SCS#
D4/AD4
RESERVED
VDD33TXRX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More