データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP633 データシート(PDF) 18 Page - Microchip Technology

部品番号 MCP633
部品情報  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP633 データシート(HTML) 18 Page - Microchip Technology

Back Button MCP633 Datasheet HTML 14Page - Microchip Technology MCP633 Datasheet HTML 15Page - Microchip Technology MCP633 Datasheet HTML 16Page - Microchip Technology MCP633 Datasheet HTML 17Page - Microchip Technology MCP633 Datasheet HTML 18Page - Microchip Technology MCP633 Datasheet HTML 19Page - Microchip Technology MCP633 Datasheet HTML 20Page - Microchip Technology MCP633 Datasheet HTML 21Page - Microchip Technology MCP633 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 18
 2009-2014 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Description
SOIC
SOT
-23
2x3
TDFN
SOIC
3x3
DFN
SOIC
SOT-
23
SOIC TSSOP MSOP
3x3
DFN
QFN
24
2
2
22
4
2
2
2
2
1
VIN-,
VINA-
Inverting Input (op amp A)
33
3
3
33
3
3
3
3
3
2
VIN+,
VINA+
Non-Inverting Input (op
amp A)
75
7
8
87
6
4
4
10
10
3
VDD
Positive Power Supply
——
—
5
5
—
—
5
5
7
7
4
VINB+
Non-Inverting Input (op
amp B)
——
—
6
6
—
—
6
6
8
8
5
VINB-
Inverting Input (op amp B)
——
—
7
7
—
—
7
7
9
9
6
VOUTB Output (op amp B)
——
—
—
—
—
—
—
—
—
—
7
CSBC
Chip Select Digital Input
(op amp B and C)
——
—
—
—
—
—
8
8
—
—
8
VOUTC Output (op amp C)
——
—
—
—
—
—
9
9
—
—
9
VINC-
Inverting Input (op amp C)
——
—
—
—
—
—
10
10
—
—
10
VINC+ Non-Inverting Input (op
amp C)
42
4
4
44
2
11
11
4
4
11
VSS
Negative Power Supply
——
—
—
—
—
—
12
12
—
—
12
VIND+ Non-Inverting Input (op
amp D)
——
—
—
—
—
—
13
13
—
—
13
VIND-
Inverting Input (op amp D)
——
—
—
—
—
—
14
14
—
—
14
VOUTD Output (op amp D)
——
—
—
—
—
—
—
—
—
—
15
CSAD
Chip Select Digital Input
(op amp A and D)
61
6
1
16
1
1
1
1
1
16
VOUT,
VOUTA
Output (op amp A)
—
—
9
—
9
—
—
—
—
—
11
17
EP
Exposed Thermal Pad
(EP); must be connected to
VSS
——
—
—
—
8
5
—
—
5
5
—
CS, CSA Chip Select Digital Input
(op amp A)
——
—
—
—
—
—
—
—
6
6
—
CSB
Chip Select Digital Input
(op amp B)
1,5,
8
—1, 5,
8
—
—
1, 5
—
—
—
—
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60