データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CGS702V データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 CGS702V
部品情報  Commercial Low Skew PLL 1 to 9 CMOS Clock Driver with Improved EMI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS702V データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button CGS702V Datasheet HTML 2Page - National Semiconductor (TI) CGS702V Datasheet HTML 3Page - National Semiconductor (TI) CGS702V Datasheet HTML 4Page - National Semiconductor (TI) CGS702V Datasheet HTML 5Page - National Semiconductor (TI) CGS702V Datasheet HTML 6Page - National Semiconductor (TI) CGS702V Datasheet HTML 7Page - National Semiconductor (TI) CGS702V Datasheet HTML 8Page - National Semiconductor (TI) CGS702V Datasheet HTML 9Page - National Semiconductor (TI) CGS702V Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EMI Characteristics and Measurements for CGS702
MEASURING THE SPECTRAL CONTENT OF A LOGIC IC
In order to analyze the frequency or spectral content of
logic ICs two measurement techniques have been devel-
oped One method
The Radiated Measurement Method is
based on the system-level FCC certification test methodolo-
gy FCC Open Site Test (OST) 55 The radiated method
utilizes a multilayer PCB with the IC-under-test is mounted
on a grounded adjustable table placed 3 meters from an
antenna mast (see
Figure 3 ) The IC’s input is stimulated by
a known periodic waveform and its output drives a typical
PCB microstrip The 75X microstrip is properly terminated
to prevent reflections from affecting the IC’s spectral con-
tent results
The FCC certification test method is an
open field measure-
ment procedure Therefore the spectral content of the de-
vice-under-test (in this case an IC) cannot be detected be-
low the ambient level of radiation The test-site is perma-
nent and the average ambient noise level remains relatively
constant
The CGS700 and CGS702 were tested for EMI using the
above method A comparison of the EMI results in the form
of spectral content is shown in
Figures 4 and 5
For more details on EMI see Application Note AN-831
Screen Room with 120 dB Shielding
TLF12386 – 9
FIGURE 3 Radiated EMI Measurement Method
7



Html Pages

1 2 3 4 5 6 7 8 9 10