データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AEW01CC48 データシート(PDF) 44 Page - Astec America, Inc

部品番号 AEW01CC48
部品情報  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTEC [Astec America, Inc]
ホームページ  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 データシート(HTML) 44 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 38Page - Astec America, Inc AEW01CC48 Datasheet HTML 39Page - Astec America, Inc AEW01CC48 Datasheet HTML 40Page - Astec America, Inc AEW01CC48 Datasheet HTML 41Page - Astec America, Inc AEW01CC48 Datasheet HTML 42Page - Astec America, Inc AEW01CC48 Datasheet HTML 43Page - Astec America, Inc AEW01CC48 Datasheet HTML 44Page - Astec America, Inc AEW01CC48 Datasheet HTML 45Page - Astec America, Inc AEW01CC48 Datasheet HTML 46Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
44
8. Installation
z Installation method
AEW series converters can be mounted in any orientation, but care should be taken
to allow for free airflow. Common placement techniques put heat sources such as
power components at the end of the airflow path or provide separate airflow paths.
This arrangement keeps other system equipment cooler and increases component
life spans.
z Derating Curves











$PELHQW7HPSHUDDWXUH


series 1: natural convection
series 2: maximum case temperature

Series 1
Series 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46