データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM108S_DIE データシート(PDF) 2 Page - Analog Devices

部品番号 PM108S_DIE
部品情報  This specification documents
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

PM108S_DIE データシート(HTML) 2 Page - Analog Devices

  PM108S_DIE Datasheet HTML 1Page - Analog Devices PM108S_DIE Datasheet HTML 2Page - Analog Devices PM108S_DIE Datasheet HTML 3Page - Analog Devices PM108S_DIE Datasheet HTML 4Page - Analog Devices PM108S_DIE Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supply Voltage (VCC)........................................................... ±22V
Input Voltage (VIN) 2/ .......................................................... ±15V
Differential Input Current 3/................................................. ±10mA
Output Short-Circuit Duration.............................................. Indefinite
Storage Temperature Range .............................................. -65°C to +150°C
Junction Temperature (TJ)………………………….………. +175°C
Ambient Temperature Range ............................................. -55°C to +125°C
Absolute Maximum Ratings Notes:
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the maximum levels
may degrade performance and affect reliability.
2/
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
3/
The inputs are shunted with back-to-back diodes for overvoltage protection. Therefore, if a differential input voltage in excess of 1V is
applied between the inputs, excessive current will flow, unless some limiting resistance is provided.
In accordance with class-K version of MIL-PRF-38534, Appendix C, Table C-II,
except as modified herein.
(a) Qual Sample Size and Qual Acceptance Criteria
– 10/0
(b) Qual Sample Package
– DIP
(c) Pre-screen electrical test over temperature performed post-assembly prior to die
qualification.
Table I Notes:
1/ VCC = ±20V, RS = 50Ω, VCM = 0V, and TA = 25°C, unless otherwise specified.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com