データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW4510AE データシート(PDF) 26 Page - STMicroelectronics

部品番号 STW4510AE
部品情報  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510AE データシート(HTML) 26 Page - STMicroelectronics

Back Button STW4510AE Datasheet HTML 22Page - STMicroelectronics STW4510AE Datasheet HTML 23Page - STMicroelectronics STW4510AE Datasheet HTML 24Page - STMicroelectronics STW4510AE Datasheet HTML 25Page - STMicroelectronics STW4510AE Datasheet HTML 26Page - STMicroelectronics STW4510AE Datasheet HTML 27Page - STMicroelectronics STW4510AE Datasheet HTML 28Page - STMicroelectronics STW4510AE Datasheet HTML 29Page - STMicroelectronics STW4510AE Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
26/57
Power control register @ 07h
Address:
07h
Type:
R/W
Reset:
0000_0000
Description:
Address 1Fh
Address 1Eh
15
14
13
12
11
10
98765
43210
R/W
R/W
[15:10] Reserved
[4] en_vana3
0: Vana3 in power down mode (default)
1: Vana3 enabled in high power mode
[3:1] Reserved
[0] EN
0: Read enabled
1: Write enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57