| データシートサーチシステム |
|
ASSR-1218 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ASSR-1218 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 12 page ![]() 2 System Schematics ASSR-1218 1 2 4 3 1 2 4 3 Opto-isolation 1 2 4 3 1 2 4 3 Equivalent Relay Diagram Opto-isolation Ordering Information ASSR-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Accept- ance Notice #5. Part number Option Package Surface Mount Gull Wing Tape & Reel Quantity RoHS Compliant ASSR-1218 -003E SO-4 X 100 units per tube -503E X X 1500 units per reel ASSR-1219 -001E 300mil DIP-6 50 units per tube -301E X X 50 units per tube -501E X X X 1000 units per reel ASSR-1228 -002E 300 mil DIP-8 50 units per tube -302E X X 50 units per tube -502E X X X 1000 units per reel Note: option x2xE for UL1577 5000Vrms for 1minute will be offered to DIP-6 and DIP-8 only. ASSR-1218 in SO4 is tested at 3750Vrms To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ASSR-1219-501E to order product of 300mil DIP-6 Gull Wing Surface Mount package in Tape and Reel packaging and RoHS Compliant. Example 2: ASSR-1228-002E to order product of 300mil DIP-8 package in tube packaging and RoHS Compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |