データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD144 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2SD144
部品情報  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD144 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD144 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD144 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SD144
DESCRIPTION
·
DC Current Gain -hFE = 40(Min)@ IC= 1A
·
Collector-Emitter Breakdown Voltage-
: V(BR) CEO= 50V(Min)
·
With TO-66 Package
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
2.0
A
ICM
Collector Current-Peak
3.0
A
IB
Base Current
1.0
A
PC
Collector Power Dissipation@TC=25℃
15
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150


同様の部品番号 - 2SD144

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SD1440 PANASONIC-2SD1440 Datasheet
102Kb / 2P
SILICON NPN TRIPLE DIFFUSED JUNCTION MESA TYPE HORIZONTAL DEFLECTION OUTPUT
logo
Inchange Semiconductor ...
2SD1440 ISC-2SD1440 Datasheet
242Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SD1441 PANASONIC-2SD1441 Datasheet
102Kb / 2P
SILICON NPN TRIPLE DIFFUSED JUNCTION MESA TYPE HORIZONTAL DEFLECTION OUTPUT
logo
Savantic, Inc.
2SD1441 SAVANTIC-2SD1441 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1441 JMNIC-2SD1441 Datasheet
80Kb / 3P
Silicon NPN Power Transistors
More results

同様の説明 - 2SD144

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com