| データシートサーチシステム |
|
DF1 データシート(PDF) 6 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF1 データシート(HTML) 6 Page - Hirose Electric |
|
6 / 7 page ![]() B181 DF1 Series ●2.5mm Pitch Connector for Discrete Wire Connection ■Pin Header Right Angle Type Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note 2.The socket applicable to the 18 contact connector is only crimping type. Unit: mm Part Number CL No. DF1- 2P-2.5DS(05) DF1- 3P-2.5DS(05) DF1- 4P-2.5DS(05) DF1- 5P-2.5DS(05) DF1- 6P-2.5DS(05) DF1- 7P-2.5DS(05) DF1- 8P-2.5DS(05) DF1- 9P-2.5DS(05) DF1-10P-2.5DS(05) 541-0020-4-05 541-0021-7-05 541-0022-0-05 541-0023-2-05 541-0024-5-05 541-0025-8-05 541-0026-0-05 541-0027-3-05 541-0028-6-05 2 3 4 5 6 7 8 9 10 7.5 10 12.5 15 17.5 20 22.5 25 27.5 3.8 6.3 8.8 11.3 13.8 16.3 18.8 21.3 23.8 2.5 5 7.5 10 12.5 15 17.5 20 22.5 Yes Number of Contacts A B C RoHS Part Number CL No. DF1-11P-2.5DS(05) DF1-12P-2.5DS(05) DF1-13P-2.5DS(05) DF1-14P-2.5DS(05) DF1-15P-2.5DS(05) DF1-16P-2.5DS(05) DF1-18P-2.5DS(05) DF1-20P-2.5DS(05) 541-0029-9-05 541-0030-8-05 541-0031-0-05 541-0032-3-05 541-0033-6-05 541-0034-9-05 541-0036-4-05 541-0038-0-05 11 12 13 14 15 16 18 20 30 32.5 35 37.5 40 42.5 47.5 52.5 26.3 28.8 31.3 33.8 36.3 38.8 43.8 48.8 25 27.5 30 32.5 35 37.5 42.5 47.5 Yes Number of Contacts A B C RoHS ●Board Through-hole Diameter : ø1.1+ 0 +0.1 ■Pin Header Straight Type Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note 2.The socket applicable to the 18 contacts connector is only crimping type. Unit: mm Part Number CL No. DF1- 2P-2.5DSA(05) DF1- 3P-2.5DSA(05) DF1- 4P-2.5DSA(05) DF1- 5P-2.5DSA(05) DF1- 6P-2.5DSA(05) DF1- 7P-2.5DSA(05) DF1- 8P-2.5DSA(05) DF1- 9P-2.5DSA(05) DF1-10P-2.5DSA(05) 541-0001-0-05 541-0002-2-05 541-0003-5-05 541-0004-8-05 541-0005-0-05 541-0006-3-05 541-0007-6-05 541-0008-9-05 541-0009-1-05 2 3 4 5 6 7 8 9 10 7.5 10 12.5 15 17.5 20 22.5 25 27.5 3.8 6.3 8.8 11.3 13.8 16.3 18.8 21.3 23.8 2.5 5 7.5 10 12.5 15 17.5 20 22.5 Yes Number of Contacts A B C RoHS Part Number CL No. DF1-11P-2.5DSA(05) DF1-12P-2.5DSA(05) DF1-13P-2.5DSA(05) DF1-14P-2.5DSA(05) DF1-15P-2.5DSA(05) DF1-16P-2.5DSA(05) DF1-18P-2.5DSA(05) DF1-20P-2.5DSA(05) 541-0010-0-05 541-0011-3-05 541-0012-6-05 541-0013-9-05 541-0014-1-05 541-0015-4-05 541-0017-0-05 541-0019-5-05 11 12 13 14 15 16 18 20 30 32.5 35 37.5 40 42.5 47.5 52.5 26.3 28.8 31.3 33.8 36.3 38.8 43.8 48.8 25 27.5 30 32.5 35 37.5 42.5 47.5 Yes Number of Contacts A B C RoHS ●Board Through-hole Diameter : ø1.1+ 0 +0.1 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |