データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DF4-22DP-2C データシート(PDF) 2 Page - Hirose Electric

部品番号 DF4-22DP-2C
部品情報  2mm Pitch Connector Directly Mounted on Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-22DP-2C データシート(HTML) 2 Page - Hirose Electric

  DF4-22DP-2C Datasheet HTML 1Page - Hirose Electric DF4-22DP-2C Datasheet HTML 2Page - Hirose Electric DF4-22DP-2C Datasheet HTML 3Page - Hirose Electric DF4-22DP-2C Datasheet HTML 4Page - Hirose Electric DF4-22DP-2C Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B203
DF4 Series
●2mm Pitch Connector Directly Mounted on Board
■Product Specifications
Rating
Current rating
(Note 1)
Voltage rating
Crimping
Crimping
AWG 24
: 3A
Cable Size
AWG 26
: 2A
AWG 28
: 1A
250V AC
Operating Temperature Range
-30 to +85ç(Note 1)
Operating Moisture Range
-40 to 80%
Storage Temperature Range
-10 to +60ç(Note 2)
Storage Moisture Range
-40 to 70%
Item
Specification
Condition
1. Insulation Resistance
1000M ohms Min
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Crimping Area Resistance 30m ohms Max.
100mA
4. Vibration
No damage, cracks, or parts looseness.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2
hours in each of the 3 directions.
5. Humidity (Steady state) Contact resistance: 30m ohms Max Insulation resistance:500M ohms Min
96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 30m ohms Max Insulation resistance: 1000M ohms Min Temperature -55
➝ 5 to 35 ➝ +85 ➝ -5 to 35ç
time
-30
➝ 5 to 15 ➝ 30 ➝ -5 to 15 min under
5 cycles.
7. Resistance to Soldering heat No deformation of components affecting performance.
Manual soldering: 300ç for 3 seconds
Flow: 250ç for 10 seconds
Note 1: The rated current will be changed according to cable sizes for use.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
■Material
Product
Part
Material
Finish
Remarks
Crimping Plug
Insulator
Polyamide
Black
UL94V-0
Crimping Contact for Plug
Contact
Brass
Tin plating
–––––––
■Ordering Information
DF4
- * P - 2 C
qe
w
t
r
q Series Name: DF4
w Number of Contact: 2 to 15, 4 to 32
e Connector Type
P: Single row plug
DP: Double row plug
r Contact Pitch: 2mm
t Connection Type
C: Crimping socket
●Connector
DF4
- 2428- PCF
qw
q Applicable cable size
2428 : AWG24 to 28
w Packaging Type
PCF: Plug contact/Reel
PC: Plug contact/Bag
●Contact
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com