| データシートサーチシステム |
|
HY29F080 データシート(PDF) 5 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HY29F080 データシート(HTML) 5 Page - Hynix Semiconductor |
|
5 / 38 page ![]() 5 Rev. 6.1/May 01 HY29F080 Table 1. HY29F080 Memory Array Organization r o t c e S r o t c e S p u o r G s s e r d d A p u o r G r o t c e S / r o t c e S 1 ] 0 : 9 1 [ A e g n a R s s e r d d A ] 9 1 [ A ] 8 1 [ A ] 7 1 [ A ] 6 1 [ A 0 S 0 G S 0000 F F F F 0 x 0 - 0 0 0 0 0 x 0 1 S 000 1 F F F F 1 x 0 - 0 0 0 0 1 x 0 2 S 1 G S 00 1 0 F F F F 2 x 0 - 0 0 0 0 2 x 0 3 S0 0 1 1 F F F F 3 x 0 - 0 0 0 0 3 x 0 4 S 2 G S 01 0 0 F F F F 4 x 0 - 0 0 0 0 4 x 0 5 S0 1 0 1 F F F F 5 x 0 - 0 0 0 0 5 x 0 6 S 3 G S 01 1 0 F F F F 6 x 0 - 0 0 0 0 6 x 0 7 S 0 111 F F F F 7 x 0 - 0 0 0 0 7 x 0 8 S 4 G S 1 000 F F F F 8 x 0 - 0 0 0 0 8 x 0 9 S1 0 0 1 F F F F 9 x 0 - 0 0 0 0 9 x 0 0 1 S 5 G S 10 10 F F F F A x 0 - 0 0 0 0 A x 0 1 1 S1 0 1 1 F F F F B x 0 - 0 0 0 0 B x 0 2 1 S 6 G S 11 00 F F F F C x 0 - 0 0 0 0 C x 0 3 1 S1 1 0 1 F F F F D x 0 - 0 0 0 0 D x 0 4 1 S 7 G S 111 0 F F F F E x 0 - 0 0 0 0 E x 0 5 1 S 1111 F F F F F x 0 - 0 0 0 0 F x 0 Notes: 1. A[19:16] are the sector address. A[19:17] are the sector group address. BUS OPERATIONS Device bus operations are initiated through the internal command register, which consists of sets of latches that store the commands, along with the address and data information, if any, needed to execute the specific command. The command register itself does not occupy any addressable memory location. The contents of the command register serve as inputs to an internal state ma- chine whose outputs control the operation of the device. Table 2 lists the normal bus operations, the inputs and control levels they require, and the resulting outputs. Certain bus operations require a high voltage on one or more device pins. Those are described in Table 3. Table 2. HY29F080 Normal Bus Operations 1 n o i t a r e p O # E C # E O # E W # T E S E R ] 0 : 9 1 [ A ] 0 : 7 [ Q D d a e RL L H H A N I D T U O e t i r WL H L H A N I D N I e l b a s i D t u p t u OL H H H X Z - h g i H y b d n a t S L T T # E CH X X H X Z - h g i H y b d n a t S S O M C # E CV C C V 3 . 0 ±X X V C C V 3 . 0 ±X Z - h g i H ) y b d n a t S L T T ( t e s e R e r a w d r a HX X X L X Z - h g i H ) y b d n a t S S O M C ( t e s e R e r a w d r a HX X X V S S V 5 . 0 ±X Z - h g i H Notes: 1. L = V IL, H = VIH, X = Don’t Care, DOUT = Data Out, DIN = Data In. See DC Characteristics for voltage levels. |