| データシートサーチシステム |
|
C4SMF-RJF データシート(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMF-RJF データシート(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMF-RJF/GJF/BJF ORDER CODE TABLE* C4SMF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMF-RJF-CT0W0BB1 1100 4180 RB 619 RB 624 Bulk Red C4SMF-RJF-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Red C4SMF-RJF-CT34QBB1 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Bulk Red C4SMF-RJF-CU14QBB1 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Bulk Red C4SMF-RJF-CT0W0BB2 1100 4180 RB 619 RB 624 Ammo Red C4SMF-RJF-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Red C4SMF-RJF-CT34QBB2 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Ammo Red C4SMF-RJF-CU14QBB2 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMF-GJF-CV0Y0791 2130 8200 G7 520 G9 535 Bulk Green C4SMF-GJF-CW14Q7S1 Any 4 consecutive sub-bins: W1 (3000) - X2 (5020) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMF-GJF-CW44Q7S1 Any 4 consecutive sub-bins: W4 (3885) - Y1 (6445) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMF-GJF-CV0Y0792 2130 8200 G7 520 G9 535 Ammo Green C4SMF-GJF-CW14Q7S2 Any 4 consecutive sub-bins: W1 (3000) - X2 (5020) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMF-GJF-CW44Q7S2 Any 4 consecutive sub-bins: W4 (3885) - Y1 (6445) Any 1 color bin from G7 (520) to G8 (530) Ammo |