| データシートサーチシステム |
|
7130LA55PFGB8 データシート(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
7130LA55PFGB8 データシート(HTML) 4 Page - Integrated Device Technology |
|
4 / 21 page ![]() IDT7130SA/LA and IDT7140SA/LA High-Speed 1K x 8 Dual-Port Static SRAM Military, Industrial and Commercial Temperature Ranges 4 Pin Configurations(1,2,3) (con't.) NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground supply. 3. J52-1 package body is approximately .75 in x .75 in x .17 in. 4. This package code is used to reference the package diagram. 7130/40 J52(4) N/C GND N/C N/C CER CEL OEL A0L 46 45 44 43 42 41 40 39 38 37 36 35 34 8 9 10 11 12 13 14 15 16 17 18 19 20 47 48 49 50 51 52 1 2 3 4 5 6 7 33 32 31 30 29 28 27 26 25 24 23 22 21 2689 drw 04 INTL BUSYL R/WL R/WR BUSYR INTR I/O6R VCC I/O5R I/O4R I/O3R I/O2R I/O1R I/O0R I/O7L I/O6L I/O5L I/O4L |