データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C4SME-RJS-CT14QBB2 データシート(PDF) 5 Page - Cree, Inc

部品番号 C4SME-RJS-CT14QBB2
部品情報  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

C4SME-RJS-CT14QBB2 データシート(HTML) 5 Page - Cree, Inc

  C4SME-RJS-CT14QBB2 Datasheet HTML 1Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 2Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 3Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 4Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 5Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 6Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 7Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 8Page - Cree, Inc C4SME-RJS-CT14QBB2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 4-mm Oval LED
C4SMF-RJS/GJS/BJS
C4SME-RJS
ORDER CODE TABLE*
C4SME
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max. (nm)
Red
C4SME-RJS-CS0U0BB1
770
2130
RB
619
RB
624
Bulk
Red
C4SME-RJS-CS14QBB1
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
RB
619
RB
624
Bulk
Red
C4SME-RJS-CS34QBB1
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
RB
619
RB
624
Bulk
Red
C4SME-RJS-CT14QBB1
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
RB
619
RB
624
Bulk
Red
C4SME-RJS-CS0U0BB2
770
2130
RB
619
RB
624
Ammo
Red
C4SME-RJS-CS14QBB2
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
RB
619
RB
624
Ammo
Red
C4SME-RJS-CS34QBB2
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
RB
619
RB
624
Ammo
Red
C4SME-RJS-CT14QBB2
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
RB
619
RB
624
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2
mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be
shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G8 or G9) will be
shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9