データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSMF05C データシート(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

部品番号 MSMF05C
部品情報  Monolithic Structure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
ホームページ  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MSMF05C データシート(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  MSMF05C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MSMF05C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MSMF05C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
-------------------------------------------------------------------------------------------------------------------------
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
MSMF05C
Standard Transient Voltage Suppressors Array
MSMF05C
Features
100 W Peak Pulse Power per Line (tp=8/20
μs)
Monolithic Structure
Available in 4 Voltage Types:5V to 24V
Low Clamping Voltage
ESD Protection > 40 kilovolts
Low Leakage Current
Protects up to Four (4) Bidirectional Lines and
Five(5) Unidirectional Lines
RoHS Compliant on Lead-Free Versions
IEC61000-4-2(ESD): Air – 15kV, Contact – 8kV
IEC61000-4-4(EFT): 40A – 5/50ns
General Desciption
The Standard TVS are designed to low voltage,
integrated circuits from transients caused by electrostatic
discharge (ESD), electrical fast transients (EFT) and other
induced voltages.
Applications
Video Equipment
Computer Notebooks
Communication Systems & Cellular Phones
Printers
Personal Digital Assistant(PDA)


同様の部品番号 - MSMF05C

メーカー部品番号データシート部品情報
logo
Protek Devices
MSMF05C PROTEC-MSMF05C Datasheet
101Kb / 4P
STANDARD TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
74Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
541Kb / 6P
MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_07 Datasheet
74Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
More results

同様の説明 - MSMF05C

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
AL2007LA SAMSUNG-AL2007LA Datasheet
242Kb / 16P
Phase-Locked Loop (PLL) frequency synthesizer constructed in CMOS on single monolithic structure
logo
Kemet Corporation
C1632C103K5RAC KEMET-C1632C103K5RAC Datasheet
938Kb / 7P
Four individual capacitors inside one 1206 monolithic structure
logo
Panasonic Semiconductor
ELL-CTV390M PANASONIC-ELL-CTV390M Datasheet
121Kb / 2P
Magnetically shielded structure
logo
Omron Electronics LLC
G32A-N4150 OMRON-G32A-N4150 Datasheet
194Kb / 5P
Model Number Structure
logo
Surge Components
C40 SURGE-C40 Datasheet
3Mb / 9P
metallized polypropylene structure
logo
Vanlong Technology Co.,...
LJ-SERIES VANLONG-LJ-SERIES Datasheet
40Kb / 1P
Excellent mechanical structure
MF-MC-MP VANLONG-MF-MC-MP Datasheet
49Kb / 1P
Excellent mechanical structure
logo
OSA Opto Light GmbH
150234-1050 OSA-150234-1050 Datasheet
43Kb / 2P
Mesa structure
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
Structure
logo
Hirose Electric
GT32 HIROSE-GT32 Datasheet
250Kb / 6P
Full shielded structure
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com