| データシートサーチシステム |
|
LM340 データシート(PDF) 11 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM340 データシート(HTML) 11 Page - National Semiconductor (TI) |
|
11 / 15 page ![]() Connection Diagrams and Ordering Information †The specifications for the LM140H/883 devices are not contained in this datasheet. If specifications for these devices are required, contact the National Semiconductor Sales Office/Distributors. TO-3 Metal Can Package (K) DS007781-11 Bottom View Steel Package Order Numbers: LM140K-5.0 LM140K-12 LM140K-15 LM340K-12 LM340K-15 LM340K-5.0 See Package Number K02A LM140K-5.0/883 LM140K-12/883 LM140K-15/883 See Package Number K02C TO-220 Power Package (T) DS007781-12 Top View Plastic Package Order Numbers: LM340AT-5.0 LM340T-5.0 LM340T-12 LM340T-15 LM7805CT LM7812CT LM7815CT LM7808CT See Package Number T03B TO-39 Metal Can Package (H) DS007781-19 Top View Metal Can Order Numbers†: LM140H-5.0/883 LM140H-6.0/883 LM140H-8.0/883 LM140H-12/883 LM140H-15/883 LM140H-24/883 See Package Number H03A TO-263 Surface-Mount Package (S) DS007781-20 Top View DS007781-21 Side View Surface-Mount Package Order Numbers: LM340S-5.0 LM340S-12 See Package Number TS3B 3-Lead SOT-223 (Front View) Order Number LM340MP-5.0 Package Marked NO0A See Package Number MA04A DS007781-43 www.national.com 11 |