データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM7808CT データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM7808CT
部品情報  Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7808CT データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM7808CT Datasheet HTML 7Page - National Semiconductor (TI) LM7808CT Datasheet HTML 8Page - National Semiconductor (TI) LM7808CT Datasheet HTML 9Page - National Semiconductor (TI) LM7808CT Datasheet HTML 10Page - National Semiconductor (TI) LM7808CT Datasheet HTML 11Page - National Semiconductor (TI) LM7808CT Datasheet HTML 12Page - National Semiconductor (TI) LM7808CT Datasheet HTML 13Page - National Semiconductor (TI) LM7808CT Datasheet HTML 14Page - National Semiconductor (TI) LM7808CT Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Connection Diagrams and Ordering Information
†The specifications for the LM140H/883 devices are not contained in this datasheet. If specifications for these devices
are required, contact the National Semiconductor Sales Office/Distributors.
TO-3 Metal Can Package (K)
DS007781-11
Bottom View
Steel Package Order Numbers:
LM140K-5.0
LM140K-12
LM140K-15
LM340K-12
LM340K-15
LM340K-5.0
See Package Number K02A
LM140K-5.0/883
LM140K-12/883
LM140K-15/883
See Package Number K02C
TO-220 Power Package (T)
DS007781-12
Top View
Plastic Package Order Numbers:
LM340AT-5.0
LM340T-5.0
LM340T-12
LM340T-15
LM7805CT
LM7812CT
LM7815CT
LM7808CT
See Package Number T03B
TO-39 Metal Can Package (H)
DS007781-19
Top View
Metal Can Order Numbers†:
LM140H-5.0/883
LM140H-6.0/883
LM140H-8.0/883
LM140H-12/883
LM140H-15/883
LM140H-24/883
See Package Number H03A
TO-263 Surface-Mount Package (S)
DS007781-20
Top View
DS007781-21
Side View
Surface-Mount Package Order Numbers:
LM340S-5.0
LM340S-12
See Package Number TS3B
3-Lead SOT-223
(Front View)
Order Number LM340MP-5.0
Package Marked NO0A
See Package Number MA04A
DS007781-43
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15