データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M30LW128D データシート(PDF) 56 Page - STMicroelectronics

部品番号 M30LW128D
部品情報  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D データシート(HTML) 56 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 49Page - STMicroelectronics M30LW128D Datasheet HTML 50Page - STMicroelectronics M30LW128D Datasheet HTML 51Page - STMicroelectronics M30LW128D Datasheet HTML 52Page - STMicroelectronics M30LW128D Datasheet HTML 53Page - STMicroelectronics M30LW128D Datasheet HTML 54Page - STMicroelectronics M30LW128D Datasheet HTML 55Page - STMicroelectronics M30LW128D Datasheet HTML 56Page - STMicroelectronics M30LW128D Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
M30LW128D
56/57
REVISION HISTORY
Table 32. Document Revision History
Date
Version
Revision Details
10-Oct-2002
1.0
First Issue
11-Feb-2003
2.0
Device code changed, LFBGA88 package added, Program /Erase Times and
Program/Erase Endurance cycles table modified, Read Electronic Signature table
modified, CFI Tables clarified in particular Table 31 and 29 (Extended Query
Information and Device Geometry Definition). IOSC parameter added to Absolute
Maximum Ratings table. IDD and VLKO clarified and IDDO and VPENH parameters added
to DC Characteristics table. tPHWL parameter added to Reset, Power-Down and
Power-Up AC Waveforms figure and Characteristics table. IDD1, IDD5, IDD2, IDD4, VIL,
VIH and VLKO values refined in DC Characteristics table.
Chip Enable state corrected for Power-Down in Table 4, Bus Operations. Addresses
modified for Blocks Unprotect and Configure STS commands in Table 5, Commands.
Addresses modified in Figure 24, Blocks Unprotect Flowchart and Pseudo Code.
Figure 23, Block Protect Flowchart and Pseudo Code, clarified.
Blocks Temporary Unprotect feature of Reset/Power Down pin no longer available.
Program/Erase Suspend, Write to Buffer and Program, and Block Erase Commands
clarified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57