データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MG0675S-BN4MM データシート(PDF) 2 Page - Littelfuse

部品番号 MG0675S-BN4MM
部品情報  600V 75A IGBT Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG0675S-BN4MM データシート(HTML) 2 Page - Littelfuse

  MG0675S-BN4MM Datasheet HTML 1Page - Littelfuse MG0675S-BN4MM Datasheet HTML 2Page - Littelfuse MG0675S-BN4MM Datasheet HTML 3Page - Littelfuse MG0675S-BN4MM Datasheet HTML 4Page - Littelfuse MG0675S-BN4MM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Module
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:05/19/15
51
MG0675S-BN4MM
600V 75A IGBT Module
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
IGBT
V
GE(th)
Gate - Emitter Threshold Voltage
V
CE=VGE, IC=1.2mA
4.9
5.8
6.5
V
V
CE(sat)
Collector - Emitter
Saturation Voltage
I
C=75A, VGE=15V, TJ=25°C
1.45
1.9
V
I
C=75A, VGE=15V, TJ=125°C
1.6
V
I
CES
Collector Leakage Current
V
CE=600V, VGE=0V, TJ=25°C
1
mA
V
CE=600V, VGE=0V, TJ=125°C
5
mA
I
GES
Gate Leakage Current
V
CE=0V,VGE=±15V, TJ=125°C
-400
400
nA
R
Gint
Integrated Gate Resistor
0
Ω
Q
ge
Gate Charge
V
CC=300V, IC=75A , VGE=±15V
0.8
μC
C
ies
Input Capacitance
V
CE=25V, VGE=0V, f =1MHz
4.6
nF
C
res
Reverse Transfer Capacitance
0.145
nF
t
d(on)
Turn - on Delay Time
V
CC=300V
I
C=75A
R
G =5.1Ω
V
GE=±15V
Inductive Load
T
J =25°C
25
ns
T
J =125°C
25
ns
t
r
Rise Time
T
J =25°C
20
ns
T
J =125°C
20
ns
t
d(off)
Turn - off Delay Time
T
J =25°C
210
ns
T
J =125°C
240
ns
t
f
Fall Time
T
J =25°C
60
ns
T
J =125°C
70
ns
E
on
Turn - on Energy
T
J =25°C
0.35
mJ
T
J =125°C
0.5
mJ
E
off
Turn - off Energy
T
J =25°C
2.4
mJ
T
J =125°C
2.8
mJ
I
SC
Short Circuit Current
t
psc≤6μS , VGE=15V; TJ=125°C,VCC=360V
380
A
R
thJCD
Junction-to-Case Thermal Resistance (Per IGBT)
0.6
K/W
Diode
V
F
Forward Voltage
I
F=75A , VGE=0V, TJ =25°C
1.55
1.95
V
I
F=75A , VGE=0V, TJ =125°C
1.50
V
I
RRM
Max. Reverse Recovery Current
I
F=75A , VR=300V
di
F/dt=-4000A/μs
T
J =125°C
115
A
Q
rr
Reverse Recovery Charge
6.0
μC
E
rec
Reverse Recovery Energy
1.5
mJ
R
thJC
Junction-to-Case Thermal Resistance (Per Diode)
0.9
K/W
Electrical and Thermal Specifications (T
C = 25°C, unless otherwise specified)
2



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com