| データシートサーチシステム |
|
ALC40DF271DF500 データシート(PDF) 13 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
ALC40DF271DF500 データシート(HTML) 13 Page - Kemet Corporation |
|
13 / 15 page ![]() 13 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com A4026_ALC40 • 8/14/2016 Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC Marking KEMET Logo Rated Capacitance, Capacitance Tolerance Rated Voltage (VDC) Part Number Code Climatic Category Made in The European Union Date of Manufacture, Batch Number Polarity Stripe (−) (Not Shown) Construction Detailed Cross Section Margin Termination Pin (+) Rubber Seal Rubber Seal Insulating Sleeve Aluminum Can with Safety Vent Laser Welded Terminal Tabs Termination Pin Laser Welded Terminal Tab Aluminum Can Insulating Sleeve Polarity Stripe (−) (Not Shown) Insulating End Disc Termination Pin (−) Paper Spacer Impregnated with Electrolyte (First Layer) Paper Spacer Impregnated with Electrolyte (Third Layer) Anode Aluminum Foil, Etched, Covered with Aluminum Oxide (Fourth Layer) Cathode Aluminum Foil, Etched (Second Layer) |