データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVP データシート(PDF) 2 Page - TT Electronics.

部品番号 HVP
部品情報  Small footprint
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVP データシート(HTML) 2 Page - TT Electronics.

  HVP Datasheet HTML 1Page - TT Electronics. HVP Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Voltage
Planar Resistors
HVP Series
Construction
Conductorpadsareprintedtotherearandfrontfacesofa96%aluminasubstrate.Aspeciallyselectedhighvoltagethickfilmresistorink,basedona
rutheniumoxide/glasssystem,isprintedbetweenthefrontfaceconductorsandthencoveredinanoverglazebeforebeingprotectedwithaspecialscreen
printedmaterialwhichgivesexcellenthighvoltageandclimaticperformance.
Marking
Type,resistancevalueandtolerancearelegendmarkedinblackinkontherearofthecomponent.TheresistancevalueconformstoIEC62.
Solvent Resistance
Thecomponentprotectionandmarkingareresistanttoallnormalindustrialcleaningsolventssuitableforprintedcircuitboards
Terminations
SoldercoatedphosphorbronzeleadframeterminationsaresolderdippedinSnAgCuandmeetthefollowingIECrequirements:
IEC68.2.21–Strength
IEC115-1,Clause4.17.3.2–Solderability
Packaging
Packedinfoamwithinabox.SeeOrderingProcedureforboxquantities.
ApplicationNotes
Duetothehighvoltagewhichcanappearbetweentheresistorbodyandanyadjacentmetalpart,resistorsshouldbemountedatanadequatedistance
fromotherconductingparts.
Duetothepossibilityofsurfacecondensationitisrecommendedthathighvoltagesarenotappliedtoresistorsinareasofhighhumiditywithoutthe
applicationofsuitablemoistureresistantlacquer
Design Flexibility
TheexperienceofWelwynengineershasbeenusedtodesignthisgenerationofhighvoltageplanarresistorstobesuitableforamajorityofapplications.
However,shouldanapplicationrequireparticularconsideration,Welwyndesignersareabletoprovideadviceandwhereapplicable,torecommendanon-
standardproduct.Specialsizes,designsetc,canbeprototypedatshortnotice.
Performance Data
Maximum
Typical
Loadatratedpower:1000hoursat70°C ΔR%
1
0.1
Dryheat:1000hoursat155°C ΔR%
1
0.1
Shelflife:12monthsatroomtemperature ΔR%
0.3
<0.1
Deratingfrompowerat70°C
Zeroat155°C
Climatic ΔR%
1
0.1
Climaticcategory-
-55/155/56
Long term damp heat
ΔR%
1
0.1
Temperature rapid change
ΔR%
0.25
0.02
Resistance to solder heat
ΔR%
0.25
0.02
Voltagecoefficientofresistanceppm/V
HVP04, HVP06, HVP08
-2.5
-1
HVP10, HVP15, HVP20
-1.5
-0.5
Ordering Procedure
Example:HVP06at100megohms,50ppm/°Cand1%toleranceandpackedinaboxwithastandardquantityof160pieces:
B004
HVP15
40/box
Make Possible
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2