| データシートサーチシステム |
|
MS8607 データシート(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
MS8607 データシート(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 4 page ![]() MS8607 PERIPHERAL MODULE Digital Pressure and Humidity Sensor SENSOR SOLUTIONS /// MS8607 PERIPHERAL MODULE Page 3 Connector Pin Assignments (1 2C Communications) System Plug (Table 1) Expansion Socket (Table 2) Dimensions(mm) Connector J1 Pin No. Signal Description 1 N/C Not Connected 2 N/C Not Connected 3 SCL I 2C Serial Clock 4 SDA I 2C Serial Data 5 GND Ground 6 Vdd Power Supply 7 N/C Not Connected 8 N/C Not Connected 9 SCL I 2C Serial Clock 10 SDA I 2C Serial Data 11 GND Ground 12 Vdd Power Supply Connector J2 Pin No. Signal Description 1 N/C Not Connected 2 N/C Not Connected 3 SCL I 2C Serial Clock 4 SDA I 2C Serial Data 5 GND Ground 6 Vdd Power Supply 7 N/C Not Connected 8 N/C Not Connected 9 N/C Not Connected 10 N/C Not Connected 11 N/C Not Connected 12 N/C Not Connected |