データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4550VH データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM4550VH
部品情報  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550VH データシート(HTML) 4 Page - National Semiconductor (TI)

  LM4550VH Datasheet HTML 1Page - National Semiconductor (TI) LM4550VH Datasheet HTML 2Page - National Semiconductor (TI) LM4550VH Datasheet HTML 3Page - National Semiconductor (TI) LM4550VH Datasheet HTML 4Page - National Semiconductor (TI) LM4550VH Datasheet HTML 5Page - National Semiconductor (TI) LM4550VH Datasheet HTML 6Page - National Semiconductor (TI) LM4550VH Datasheet HTML 7Page - National Semiconductor (TI) LM4550VH Datasheet HTML 8Page - National Semiconductor (TI) LM4550VH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical Characteristics(Notes 1, 3) The following specifications apply for AV
DD = 5V, DVDD = 5V, Fs =
48kHz, single codec configuration, unless otherwise noted. Limits apply for T
A= 25˚C. The reference for 0dB is 1Vrms unless
otherwise specified. (Continued)
Symbol
Parameter
Conditions
LM4550
Units
(Limits)
Typical
(Note 7)
Limit
(Note 8)
Analog to Digital Converters
Resolution
18
Bits
Dynamic Range (Note 2)
-60dB Input THD+N, A-Weighted
90
86
dB (min)
Frequency Response
-1dB Bandwidth
20
kHz
Digital to Analog Converters
Resolution
18
Bits
Dynamic Range (Note 2)
-60dB Input THD+N, A-Weighted
89
85
dB (min)
THD
Total Harmonic Distortion
V
IN = -3dB, f=1kHz, RL = 10k
Ω
0.01
%
Frequency Response
20 - 21k
Hz
Group Delay (Note 2)
2
mS (max)
Out of Band Energy
-40
dB
Stop Band Rejection
70
dB
D
T
Discrete Tones
-96
dB
Output Volume and Amplifier Section
A
S
Step Size
0dB to -46.5dB
1.5
dB
A
M
Mute Attenuation
86
dB
THD+N
Headphone Amplifier Total Harmonic
Distortion plus Noise
Loop thru Mode R
L=32, F=1KHz,
P
out=50mW
0.02
%
Digital I/O (Note 2)
V
IL
Low level input voltage
0.30 x
DVDD
V (max)
V
HI
High level input voltage
0.40 x
DVDD
V (min)
V
OH
High level output voltage
0.50 x
DVDD
V (min)
V
OL
Low level output voltage
0.20 x
DVDD
V (max)
I
L
Input Leakage Current
AC Link inputs
±10
µA
I
L
Tri state Leakage Current
High impedance AC Link outputs
±10
µA
I
DR
Output drive current
AC Link outputs
5
mA
Digital Timing Specifications (Note 2)
F
BC
BIT_CLK frequency
12.288
MHz
T
BCP
BIT_CLK period
81.4
nS
T
CH
BIT_CLK high
Variation of BIT_CLK period from 50%
duty cycle
±20
% (max)
F
SYNC
SYNC frequency
48
kHz
T
SP
SYNC period
20.8
µS
T
SH
SYNC high pulse width
1.3
µS
T
SL
SYNC low pulse width
19.5
µS
T
SETUP
Setup Time
SDATA_IN, SDATA_OUT to falling edge
of BIT_CLK
15
nS (min)
T
HOLD
Hold Time
Hold time of SDATA_IN, SDATA_OUT
from falling edge of BIT_CLK
5
nS (min)
T
RISE
Rise Time
BIT_CLK, SYNC, SDATA_IN or
SDATA_OUT
6
nS (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25