| データシートサーチシステム |
|
WM8944BECS/R データシート(PDF) 9 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8944BECS/R データシート(HTML) 9 Page - Cirrus Logic |
|
9 / 165 page ![]() WM8944B Rev 4.3 9 THERMAL PERFORMANCE Thermal analysis should be performed in the intended application to prevent the WM8944B from exceeding maximum junction temperature. Several contributing factors affect thermal performance most notably the physical properties of the mechanical enclosure, location of the device on the PCB in relation to surrounding components and the number of PCB layers. Connecting the GND balls through thermal vias and into a large ground plane will aid heat extraction. Three main heat transfer paths exist to surrounding air as illustrated below in Figure 1: Package top to air (radiation). Package bottom to PCB (radiation). Package balls to PCB (conduction). W-CSP Package PCB Figure 1 Heat Transfer Paths The temperature rise TR is given by TR = PD * ӨJA PD is the power dissipated in the device. Ө JA is the thermal resistance from the junction of the die to the ambient temperature and is therefore a measure of heat transfer from the die to surrounding air. Ө JA is determined with reference to JEDEC standard JESD51-9. The junction temperature TJ is given by TJ = TA +TR, where TA is the ambient temperature. PARAMETER SYMBOL MIN TYP MAX UNIT Operating temperature range TA -40 85 °C Operating junction temperature TJ -40 125 °C Thermal Resistance (Junction to Board) Ө JB 26 °C/W Thermal Resistance (Junction to Ambient) Ө JA 70 °C/W Note: 1. Junction temperature is a function of ambient temperature and of the device operating conditions. The ambient temperature limits and junction temperature limits must both be observed. |