データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAAM-011167 データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAAM-011167
部品情報  Stage Driver Amplifier for E Band
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011167 データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011167 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011167 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Medium Power Amplifier
71 - 86 GHz
Rev. V2
MAAM-011167
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
Calibration Plane
All data was measured on die with 200 µm pitch
probes. The calibration plane is at the middle of the
through, 178.5 µm from the middle of the RF pad.
App Note [1] Biasing -
All gates should be pinched-off (VG < -1 V) before
applying drain voltage (VD = 4 V). Then the gate
voltages can be increased until the desired
quiescent drain current is reached in each stage.
The recommended quiescent bias is VD = 4 V, ID1 =
30 mA, ID2 = 60 mA, ID3 = 120 mA and ID4 = 150
mA. The performance in this datasheet has been
measured with the gate bias set to the voltage that
gives the stated value of the quiescent current. It is
also
possible
to
regulate the
drain
current
dynamically, to limit the DC power dissipation under
RF drive. To turn off the device, the turn on bias
sequence should be followed in reverse.
App Note [2] Bias Arrangement -
Each DC pin (VD1,2,3,4 and VG1,2,3,4) needs to
have bypass capacitance (120 pF and 10 nF)
mounted as close to the MMIC as possible.
App Note [3] Wire Bonding -
The loop height of the RF bonds should be
minimized. Where the die is mounted above the
PCB, it is recommended to use Reverse Ball-Stitch-
on-Ball bonds (BSOB). If the die is mounted inside a
cavity on the board, Forward Loop bonding may
result in a lower loop height.
V-shape RF bond with two wires (diameter = 25 µm)
is recommended for optimum RF performance.
RF bond wire length to be minimized to reduce the
inductance effect. Simulations suggest no more than
300 µm. Substrate RF pad can be optimized to
improve the Microstrip to MMIC bond transition as
shown in the example below.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com