| データシートサーチシステム |
|
NLCV25T-R68M-EFR データシート(PDF) 10 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
NLCV25T-R68M-EFR データシート(HTML) 10 Page - TDK Electronics |
|
10 / 10 page ![]() (10/10) INDUC T O RS 20160909 / inductor_commercial_decoupling_nlcv25-efr_en Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. NLCV25-EFR Type PACKAGING STYLE REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A W1 W2 N E NLCV25-EFR ø180 9 13 ø60 0.5 ø13.0 ±0.5 ø21.0 ±0.8 2.0 ±0.5 A (1.0) Dimensions in mm E W2 W1 P0 P2 øD0 P1 A t K Dimensions in mm Type A B øD0 E F P0 P1 P2 W K t NLCV25-EFR 2.3 2.7 1.5+0.1/-0 1.75±0.1 3.50±0.05 4.00±0.10 4.00±0.10 2.00±0.05 8.00±0.30 2 0.4 |