| データシートサーチシステム |
|
SSD1812 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1812 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 28 page ![]() SSD1812 2 REV 1.2 12/99 SOLOMON LCD Driving Voltage Generator 2X / 3X / 4X DC/DC Converter, Voltage Regulator, Smart Bias Divider, Contrast Control, Temperature Compensation ROW0 to ROW63 SEG0~SEG131 M CL VSS VDD RES D7 VL6 VL2 VEE VF C1P C2P C2N C3N GDDRAM 132 X 65 Bits Command Decoder Parallel / Serial Interface Command Interface Display Timing Generator 187 Bit Latch HV Buffer Cell Level Shifter Level Selector CS1 Oscillator MSTAT DOF M/S P/S CS2 D/C D6 D5 D4 D3 D2 D1 D0 (SDA) (SCK) VDD CLS C68/80 E (RD) R/W (WR) Block Diagram ICONS C1N IRS HPM VFS VSS1 M/S |