データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6280B データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST6280B
部品情報  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280B データシート(HTML) 6 Page - STMicroelectronics

Back Button ST6280B Datasheet HTML 2Page - STMicroelectronics ST6280B Datasheet HTML 3Page - STMicroelectronics ST6280B Datasheet HTML 4Page - STMicroelectronics ST6280B Datasheet HTML 5Page - STMicroelectronics ST6280B Datasheet HTML 6Page - STMicroelectronics ST6280B Datasheet HTML 7Page - STMicroelectronics ST6280B Datasheet HTML 8Page - STMicroelectronics ST6280B Datasheet HTML 9Page - STMicroelectronics ST6280B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
6/78
ST62T80B/E80B
INTRODUCTION (Cont’d)
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.OTP devices offer all the
advantages of user programmability at low cost,
which make them the ideal choice in a wide range
of applications where frequent code changes, mul-
tiple code versions or last minute programmability
are required.
These compact low-cost devices feature one Tim-
er comprising an 8-bit counter and a 7-bit pro-
grammable prescaler, one 8-bit autoreload timer
with 7-bit programmable prescaler (ARTimer),
EEPROM data capability, a serial synchronous
port interface (SPI), an 8-bit A/D Converter with 12
analog inputs, a Digital Watchdog timer, and a
complete LCD controller driver, making them well
suited for a wide range of automotive, appliance
and industrial applications.
Figure 2. ST6280B Pin Description
*Note: 20mA Sink
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
80
79
78
77
76
75
74
73
72
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
71
100 9998979695 949392 919089 888786 858483 8281
S18
S17
S16
S15
S14
S13
S12
S11
S10
S9
COM16/S8
COM15/S7
COM14/S6
COM13/S5
COM12/S4
COM11/S3
COM10/S2
COM9/S1
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
OSC32in
OSC32out
PA2*
PA3*
S39
S40
S41
S42
S43
S44
S45
S46
S47
S48
S49
S50
S51
S52
S53
S54
S55
S56
PB6/ARTIMin/Ain
PB5/Ain
PB4/Ain
PB7/ARTIMout/Ain
PB3/Ain
PB2/Ain
PB1/Ain
PB0/Ain
TEST
OSCout
OSCin
RESET
1052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78