| データシートサーチシステム |
|
ACTF4201 データシート(PDF) 6 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4201 データシート(HTML) 6 Page - Advanced Crystal Technology |
|
6 / 6 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email:info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com - 6 - Recommended Soldering Profile 1. The specifications of this device are subject to change or obsolescence without notice. 2. Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufacturer. 3. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies. |