データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAAP-010168 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAAP-010168
部品情報  Ceramic Flange Mount Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010168 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010168 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010168 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010168 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010168 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010168 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010168 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010168 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
10 W Power Amplifier
0.5 - 3 GHz
Rev. V2
MAAP-010168
2
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
Small signal
dB
19
24
Input Return Loss
dB
10
Output Return Loss
dB
10
P1dB
dBm
39
PSAT
dBm
38
41
Current
IDQ
PSAT
A
3.5
5.5
—-
PAE
PSAT
%
30
Gate Bias
V
-0.7
Duty Cycle
%
100
Electrical Specifications:
Freq. = 0.5 - 3.0 GHz, VDD = 10 V, IDQ = 3.5 A, TA = 25 °C, Z0 = 50 Ω
Absolute Maximum Ratings3,4,5
Parameter
Absolute Maximum
Input Power
+24 dBm
Operating Supply Voltage
+11 Volts
Operating Gate Voltage
-2 Volts
Operating Temperature
-40°C to +85°C
Channel Temperature6
+150 °C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
5. Operating at nominal conditions with TJ ≤ +150°C will ensure
MTTF > 1 x 106 hours.
6. Junction Temperature (TJ) = TC + ӨJC * ((V * I) - (POUT - PIN))
Typical thermal resistance (ӨJC) = 2.0°C/W
a) For TC = 25°C @ 1.5 GHz
TJ = +80°C @ +10 V, 4 A, POUT = 41 dBm, PIN = 21 dBm
b) For TC = 85°C @ 1.5 GHz
TJ = +138°C @ +10 V, 3.9 A, POUT = 41 dBm, PIN = 21 dBm
Operating the MAAP-010168
The MAAP-010168 is static sensitive. Please handle
with care. To operate the device, follow these steps.
Ramp
down
or
shutdown
in
reverse
order
(gate bias on first and off last). All VGG pins should
have the same voltage applied at all times.
1. Apply VGG (-1.5 V).
2. Apply VDD (10.0 V Typical).
3. Set IDQ by adjusting VGG.
4. Apply RFIN.
Recommended Bias Configuration
MAAP-010168
VDD
VDD
VGG
VGG
RFIN
RFOUT
0.1 to 1.0 µF
0.1 to 1.0 µF
1
2
3
4
5
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com