| データシートサーチシステム |
|
U74LVC32AL-S14-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74LVC32AL-S14-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() U74LVC32A Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R502-519.a ABSOLUTE MAXIMUM RATING (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~6.5 V Input Voltage VIN -0.5~6.5 V Output Voltage (any output in the high or low state) VOUT -0.5~VCC+0.5 V Input Clamp Current IIK -50 mA Output Clamp Current IOK -50 mA Output Current IOUT ±50 mA VCC or GND Current ICC ±100 mA Power Dissipation TA=-40°C to +125°C Ptot 500 mW Storage Temperature TSTG -65 ~ +150 °C Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT SOP-14 127 °C Junction to Ambient TSSOP-14 θJA 170 °C RECOMMENDED OPERATING COMDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating 1.65 3.6 Supply Voltage VCC Data retention only 1.5 V VCC = 1.65V to 1.95V 0.65* VCC VCC = 2.3V to 2.7V 1.7 High-Level Input Voltage VIH VCC = 2.7V to 3.6V 2 V VCC = 1.65V to 1.95V 0.35* VCC VCC = 2.3V to 2.7V 0.7 Low-Level Input Voltage VIL VCC = 2.7V to 3.6V 0.8 V Input Voltage VIN 0 5.5 V Output Voltage VOUT 0 VCC V VCC=1.65V -4 VCC=2.3V -8 VCC=2.7V -12 High-level Output Current IOH VCC=3V -24 mA VCC=1.65V 4 VCC=2.3V 8 VCC=2.7V 12 Low-level Output Current IOL VCC=3V 24 mA Input Transition Rise or Fall Rate Δt/Δv 0 7 ns/V Operating Temperature TA -40 85 °C |