| データシートサーチシステム |
|
KP1510HTLD データシート(PDF) 4 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KP1510HTLD データシート(HTML) 4 Page - COSMO Electronics Corporation |
|
4 / 14 page ![]() Cosmo Electronics Corp. Document No. 69P51006.2 - 4 - http://www.cosmo-ic.com cosmo KP1510 Series 8PIN IGBT GATE DRIVE PHOTOCOUPLER Electrical Characteristics (Ta = 25℃) Parameter Symbol Test Condition Min. Typ. Max. Unit Input forward voltage VF IF=10mA 1.2 1.5 1.8 V Temperature coefficient of forward voltage △(VF △ / TA)) — -1.8 — mV/℃ Input reverse breakdown voltage BVR IR=10uA 5 — — V Input capacitance CIN f=1MHz , V=0 — 60 — pF Output current (*A) “H” level (1) IOH VO =VCC-2.5V 0.5 1.5 — A VO =VCC-4V 2.0 — — “L” level (1) IOL VO =VEE+2.5V 0.5 2.0 — A VO =VEE+4V 2.0 — — Output voltage “H” level VOH IF =10mA, IO =-100mA VCC-4V VCC-3V — V “L” level VOL IF =0mA, IO =100mA — VEE+0.1V VEE+0.5V Supply current “H” level ICCH VO =Open ,IF=7 to 16mA — 2.5 5.0 mA “L” level ICCL VO=Open ,VF=-3.0 to 0.8V — 2.5 5.0 Threshold input current “Output L→H” IFLH IO =0mA ,VO>5V — 2.3 5.0 mA Threshold input voltage “Output H→L” VFHL IO =0mA ,VO<5V 0.7 — — V Under voltage lockout threshold VUVLO+ IF =10mA ,VO>5V 11.0 12.3 13.5 V VUVLO- IF =10mA ,VO<5V 9.0 10.7 12.0 Under voltage lockout threshold hysteresis UVLOHYS — 1.6 — V |