| データシートサーチシステム |
|
ASPI-7318-R33 データシート(PDF) 1 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ASPI-7318-R33 データシート(HTML) 1 Page - Abracon Corporation |
|
1 / 3 page ![]() 7.3 x 6.8 x 3.0 mm ASPI-7318 ELECTRICAL SPECIFICATIONS: RoHS Compliant 30332 Esperanza, Rancho Santa Margarita, California92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Revised: 10.11.12 Visit www.abracon.com for Terms & Conditions of Sale HIGH CURRENT SHIELDED POWER INDUCTOR FEATURES: APPLICATIONS: Pb ABRACON IS ISO9001:2008 CERTIFIED Abracon P/N: ASPI-7318-xxx Operating Temperature : -55ºC to +125ºC Storage Temperature • 100%lead (Pb) free. • Lowest DCR/uH, in this package size. • Frequency range up to 5.0MHz • Handles high transient current spikes without saturation • Ultra low buzz noise, due to composite construction. • Notebook/Desktop/Server applications. • Low profile, high current power supplies. • Battery powered devices. • DC/DC converter for Field Programmable • Gate Array(FPGA) Part Number L Tolerance RDC Max Isat Typ Irms Typ ASPI-7318- Inductance Code (µH) (M, N) mΩ (A) (A) ASPI-7318-R10 0.10 N 1.7 50 30 ASPI-7318-R15 0.15 N 2.5 45 26 ASPI-7318-R20 0.20 N 3.0 41 24 ASPI-7318-R22 0.22 N 3.1 34 22 ASPI-7318-R33 0.33 M 3.9 28 20 ASPI-7318-R47 0.47 M 4.2 24 17.5 ASPI-7318-R56 0.56 M 5.3 23 15.5 ASPI-7318-R68 0.68 M 5.5 22 15.5 ASPI-7318-R82 0.82 M 8.0 19 13 ASPI-7318-1R0 1.0 M 10.0 17 11 ASPI-7318-1R5 1.5 M 15 15 9 ASPI-7318-2R2 2.2 M 20 12 8 ASPI-7318-2R5 2.5 M 22 11 8 ASPI-7318-3R3 3.3 M 30 10 6 ASPI-7318-4R7 4.7 M 40 8 5 ASPI-7318-5R6 5.6 M 54 7.5 5 ASPI-7318-6R8 6.8 M 60 7 4.5 ASPI-7318-8R2 8.2 M 68 6 4 ASPI-7318-100 10.0 M 105 5.5 3 ASPI-7318-220 22.0 M 230 3 2 Test Conditions 1. Inductance tested at 200kHz, 0.25V, 0A; Tolerance M=±20%; N=±30% 2. All test data is in reference to 25°C ambient. 3. Isat will cause the inductance value to drop approximately 20% 4. Irms will cause an approximate ΔT of 40°C 5. The part temperature (ambient + temp. rise) should not exceed 125°C under worst case operating conditions. Circuit design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application. 6. Please contact Abracon for the availability of other inductance values. Less than +25˚C, Humidity<75% RH. MSL Level:1 |
同様の部品番号 - ASPI-7318-R33 |
|
同様の説明 - ASPI-7318-R33 |