データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCS34721 データシート(PDF) 37 Page - ams AG

部品番号 TCS34721
部品情報  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TCS34721 データシート(HTML) 37 Page - ams AG

Back Button TCS34721 Datasheet HTML 32Page - ams AG TCS34721 Datasheet HTML 33Page - ams AG TCS34721 Datasheet HTML 34Page - ams AG TCS34721 Datasheet HTML 35Page - ams AG TCS34721 Datasheet HTML 36Page - ams AG TCS34721 Datasheet HTML 37Page - ams AG TCS34721 Datasheet HTML 38Page - ams AG TCS34721 Datasheet HTML 39Page - ams AG TCS34721 Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
ams Datasheet
Page 37
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40