データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3677 データシート(PDF) 2 Page - ams AG

部品番号 AS3677
部品情報  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3677 データシート(HTML) 2 Page - ams AG

  AS3677_17 Datasheet HTML 1Page - ams AG AS3677_17 Datasheet HTML 2Page - ams AG AS3677_17 Datasheet HTML 3Page - ams AG AS3677_17 Datasheet HTML 4Page - ams AG AS3677_17 Datasheet HTML 5Page - ams AG AS3677_17 Datasheet HTML 6Page - ams AG AS3677_17 Datasheet HTML 7Page - ams AG AS3677_17 Datasheet HTML 8Page - ams AG AS3677_17 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-32] 2016-Sep-27
AS3677 − General Description
Key Benefits & Features
The benefits and features of AS3677, Highly Integrated Lighting
Management Unit are listed below:
Figure 1:
Added Value Of Using AS3677
Applications
AS3677 is the ideal Lighting Management Unit for
• Mobile Phones
• Smartphones
• Portable Media Players (PMP)
• Personal Navigation Devices (PND)
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS3677 Function Diagram
Benefits
Features
• Long operating time
• High-efficiency step up DC/DC converter
• 50mA charge pump
• Manage LED lighting in mobile phones
• 6 Current Sinks
• 3 HV current sinks (e.g. backlight)
• 3 LV current sinks (e.g. RGB funlight)
• Unload application processor for power
savings and allow long operating time
• Internal PWM generation
• LED pattern generator
• ALS, DLS inputs
• Easier system integration
• Support for automatic LED testing (open and shorted LEDs
can be identified)
 

 
 


AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More