| データシートサーチシステム |
|
UCHQ613G-AG6-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCHQ613G-AG6-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 9 page ![]() UCHQ613 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 9 www.unisonic.com.tw QW-R121-030.a MARKING PIN CONFIGURATION PIN DESCRIPTION PIN No. PIN NAME Description 1 DP1 Connected to the D+ or D– line of USB connector, provide the correct voltage with attached portable equipment for DCP detection. 2 GND Ground connection. 3 DP2 Connected to the D+ or D– line of USB connector, provide the correct voltage with attached portable equipment for DCP detection. 4 DM2 Connected to the D+ or D– line of USB connector, provide the correct voltage with attached portable equipment for DCP detection. 5 IN Power supply.Connect a ceramic capacitor with avalue of 0.1-μF or greater from the IN pin to GND as close to the device as possible. 6 DM1 Connected to the D+ or D– line of USB connector, provide the correct voltage with attached portable equipment for DCP detection. |