| データシートサーチシステム |
|
KTLP250HTLD データシート(PDF) 9 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KTLP250HTLD データシート(HTML) 9 Page - COSMO Electronics Corporation |
|
9 / 12 page ![]() Cosmo Electronics Corp. Document No. 69P51007.2 - 9 - http://www.cosmo-ic.com cosmo KTLP250 Series 8PIN IGBT GATE DRIVE PHOTOCOUPLER Numbering System KTLP250 X (Y) Notes: KP1510 = Part No. X = Lead form option (blank、S、H、L ) Y = Tape and reel option (TL、TR、TLD、TRU) Option Description Packing quantity S (TL) surface mount type package + TL tape & reel option 1000 units per reel S (TR) surface mount type package + TR tape & reel option 1000 units per reel L (TLD) long creepage distance for surface mount type package + TLD tape & reel option 800 units per reel L (TRU) long creepage distance for surface mount type package + TRU tape & reel option 800 units per reel Recommended Pad Layout for Surface Mount Lead Form 1.9 1.9 8-pin SMD 8-pin L 8.3 10.7 1.Surface mount type 2.Long creepage distance for surface mount type Unit :mm |