| データシートサーチシステム |
|
US223XXG-AF5-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US223XXG-AF5-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 7 page ![]() UNISONIC TECHNOLOGIES CO., LTD US223 Preliminary CMOS IC www.unisonic.com.tw 1 of 7 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R129-022.a HIGH-SIDE POWER SWITCHES WITH FLAG DESCRIPTION The UTC US223 are low voltage cost-effective high-side power switches with flag function. These devices are particularly suitable for self-powered and bus-powered USB applications. The build-in N-MOSFET’s RDS(ON) which meets the requirements of USB voltage drop is as low as 80mΩ. The UTC US223 contains a charge pump circuitry to drive the internal MOSFET switch and also incorporate such protection circuits: soft-start circuit protect these devices from being damaged by limiting inrush current during plug-in; thermal shutdown circuit is used to prevent catastrophic switch failure from high-current loads. UVLO is used to ensure that the device remains off unless there is a valid input voltage present. A flag output is designed to indicate fault conditions to the local USB controller. lower quiescent current as 25μA making this device ideal for portable battery-operated equipment. The UTC US223 are applied in USB Bus/Self powered hubs, USB peripherals, NB, PCs, PC card hot swap, battery-powered equipment, hot-plug power supplies, battery-charger circuits, ACPI power distribution. SOT-25 1 3 5 2 4 FEATURES * Input Voltage Varies From 3.5V to 5.5V * Built-in N-MOSFET * Output Can Be Forced Higher Than Input (Off-State) * Typical Low Supply Current: - Switch On: 25μA (TYP) - Switch Off: 0.1μA (TYP) * Open-Drain Fault Flag Output To Indicate Fault Conditions * Protection Circuits: - Soft-start( Hot plug-in application) - UVLO 1.7V (TYP.) - Current Limiting Protection - Thermal Shutdown Protection * Reverse Current Flow Blocking (No Body Diode) ORDERING INFORMATION Ordering Number Package Packing US223XXG-AF5-R SOT-25 Tape Reel US223XXG-AF5-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AF5: SOT-25 (3) AH/AL: 3.2A, BH/BL: 2.5A, CH/CL: 1.8A, DH/DL: 1.1A (3)Current Limit (4)Green Package (4) G: Halogen Free and Lead Free |
同様の部品番号 - US223XXG-AF5-R |
|
同様の説明 - US223XXG-AF5-R |