データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACTDF8137 データシート(PDF) 2 Page - Advanced Crystal Technology

部品番号 ACTDF8137
部品情報  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTDF8137 データシート(HTML) 2 Page - Advanced Crystal Technology

  ACTDF8137 Datasheet HTML 1Page - Advanced Crystal Technology ACTDF8137 Datasheet HTML 2Page - Advanced Crystal Technology ACTDF8137 Datasheet HTML 3Page - Advanced Crystal Technology ACTDF8137 Datasheet HTML 4Page - Advanced Crystal Technology ACTDF8137 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Maximum Ratings
Rating
Value
Unit
Source Power
P
15
dBm
DC Voltage
VDC
0
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electrical Characteristics
Reference temperature:
TA = 25 ℃
Terminating source impedance:
ZS = 50 ©
Terminating load impedance:
ZL = 50 ©
Characteristic
Min.
Typ.
Max.
Unit
Center frequency
fC
—
865.0
—
MHz
Insertion attenuation
IL
—
10.3
13.0
dB
Pass band Ripple (863.8MHz~866.2MHz)
Pr
0.3
1.0
dB
Group delay Ripple (863.75MHz~866.25MHz)
Gr
60
200
ns
1 dB Bandwidth
B1dB
3.0
3.3
MHz
3 dB Bandwidth
B3dB
3.6
MHz
20 dB Bandwidth
B20dB
5.9
6.5
MHz
Absolute attenuation
10 MHz ~840 MHz
30
42
dB
900 MHz ~1000 MHz
30
40
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5