データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACTFD002 データシート(PDF) 8 Page - Advanced Crystal Technology

部品番号 ACTFD002
部品情報  SAW DUPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD002 データシート(HTML) 8 Page - Advanced Crystal Technology

  ACTFD002 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 8Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 9Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
- 8 -
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of components.
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9