| データシートサーチシステム |
|
DCP-USBAB-SC データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DCP-USBAB-SC データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() NPB 629 Data-Con-X® USB Type A Panel Mount Connectors VISIT WW W .CONXALL.COM FOR MORE PRODUCTS AND DETAILED SPECIFIC A TIONS OVERALL DIMENSIONS KEY FEATURES RECOMMENDED PANEL CUTOUT OPTIONS AND PART NUMBER LOGIC • PCHeader,SolderCup,andFeedthruoptionsavailable • SealedtoIP68whenmatedwithData-Con-X®USBAconnectors • AlsocompatiblewithstandardUSBAconnectors • OptionalIP68ratedcapalsoavailable(part#D24295-WA) • ThreadedorBayonetQuickConnectcouplingoptions • Builtfromhighqualitythermoplasticwithelastomergasket • MadeintheUSA Note:Dimensiondoesnotincludegasketcompression. Dimensionsininches[mm].Quickconnectoptionshown. SeedrawingsfromConxall.comfordetaileddimensions 1.155 29.34 1.190 30.23 USB PANEL MOUNT FEED-THRU CONNECTORS PART NUMBER CHART USBFIELDINSTALLABLE PANELHOUSINGASSEMBLY RECEPTACLETYPE (SEALEDEND) COUPLING TYPE RECEPTACLETYPE (NON-SEALEDEND) DCP USBA=USB“A”2.0 B=QUICKCONNECT T=THREADED SC =SolderCup HD =PCBHeader F =USB“A”2.0 USBB =USB“B”2.0 DCP-USBAB-* mates with DCC-USBAB-150 or DCC-USBAB-180 DCP-USBAT-* mates with DCC-USBAT-150 or DCC-USBAT-180 DCP USBA X X - - SOLDER CUP PCB HEADER 1.03 26.1 (SEE NOTE) 1.56 39.7 1.44 36.5 0.13 3.2 1.41 35.7 REFERENCE 0.87 22.1 QUICK CONNECT COUPLING 1.44 36.5 SQUARE (SEE NOTE) 1.44 36.5 SQUARE 2.17 55.2 1.64 41.6 (SEE NOTE) FEEDTHRU |