データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UTRS458G-S08-R データシート(PDF) 2 Page - Unisonic Technologies

部品番号 UTRS458G-S08-R
部品情報  CMOS IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS458G-S08-R データシート(HTML) 2 Page - Unisonic Technologies

  UTRS458G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS458G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTRS458
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R113-016.b
MARKING
PIN CONFIGURATION
1
2
3
4
8
7
6
5
RO
REB
DE
DI
VCC
B
A
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RO
Receiver output.
2
REB
Receiver output enable: REB is low to enable the Receiver; REB is high to disable the
Receiver.
3
DE
Transmitter output enable: DE is high to enable the transmitter; DE is low to disable the
transmitter.
4
DI
Transmitter input: When DE is high, a low on DI forces An output low and B output high.
Similarly, a high on DI forces An output high and B output low.
5
GND
Ground pin. Must be connected to 0V.
6
A
Non-inverting receiver input and non-inverting transmitter output
7
B
Inverting receiver input and inverting transmitter output
8
VCC
Power supply Input 5.0V.



Html Pages

1 2 3 4 5 6 7 8