| データシートサーチシステム |
|
IVR3K21 データシート(PDF) 6 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
IVR3K21 データシート(HTML) 6 Page - Aplus Intergrated Circuits |
|
6 / 11 page ![]() Integrated Circuits Inc. aIVR3K Series Mar 27, 2012 7 PWM DIRECT DRIVE FOR 8 OHM SPEAKER When PWM output is selected, the VOUT1 and VOUT2 pins can direct drive a speaker to provide sound playback. The VOUT1 and VOUT2 are powerful driving pins. To reduce the digital noise from affecting the VDD and VSS stability, the following filter connection should be applied to the VOUT1 and VOUT2 pins. The exact filter used is dependent on the sound type and sound volume. Note: No additional filter connection is needed for 16 speaker. VOUT1 VOUT2 8 Speaker C 1000p ~ 0.01uF R 5 |