| データシートサーチシステム |
|
STK526 データシート(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
STK526 データシート(HTML) 21 Page - ATMEL Corporation |
|
21 / 40 page ![]() Using the STK526 2-20 STK526 rev. B Hardware User Guide 7709B–AVR–07/08 The AT90USB82/162 can be programmed using ISP capability of the JTAGICE (using the connector adapter that comes with the programmer). This section explains how to connect and use the AVR JTAG ICE. Note: The SPIEN fuse must be enabled in AT90USB82/162 to allow ISP operation. The SPIEN fuse is disabled when using debugWire channel (Section “Debugging”, page 22) Figure 2-23 . Connecting AVR JTAG ICE to STK526 The Flash, EEPROM, all Fuse and Lock Bit options ISP-programmable can be programmed individually or with the sequential automatic programming option. Note: See AVR Studio® on-line Help for information. 2.8.4 Programming with STK500 Serial Programming The AT90USB82/162 can be programmed using the serial programming mode from STK500 firmware. The software interface (In-System Programming of an external target system) is integrated in AVR Studio®. To program the device using ISP from STK500, connect the 6-wire cable between the ISP6PIN connector of the STK500 board and the ISP connector of the STK526 as shown in Figure 2-20. See Figure 2-20 to see connection example for ISP with STK500. |