データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P12C508 データシート(PDF) 62 Page - Microchip Technology

部品番号 P12C508
部品情報  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 データシート(HTML) 62 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 58Page - Microchip Technology P12C508 Datasheet HTML 59Page - Microchip Technology P12C508 Datasheet HTML 60Page - Microchip Technology P12C508 Datasheet HTML 61Page - Microchip Technology P12C508 Datasheet HTML 62Page - Microchip Technology P12C508 Datasheet HTML 63Page - Microchip Technology P12C508 Datasheet HTML 64Page - Microchip Technology P12C508 Datasheet HTML 65Page - Microchip Technology P12C508 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
PIC12C5XX
DS40139A-page 62
Advance Information
© 1996 Microchip Technology Inc.
FIGURE 10-8: CALIBRATED INTERNAL RC FREQUENCY RANGE VS. VDD
AT TEMPERATURE = -40
°C
FIGURE 10-9: CALIBRATED INTERNAL RC FREQUENCY RANGE VS. VDD
AT TEMPERATURE = 25
°C
VDD
2.5
3.5
5.5
3.5
4.0
4.5
Note:
Altering calibration value by 1 is approximately a 4ns change.
4.5
VDD
2.5
3.5
5.5
3.5
4.0
4.5
Note:
Altering calibration value by 1 is approximately a 4ns change.
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84