データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK504 データシート(PDF) 13 Page - ATMEL Corporation

部品番号 STK504
部品情報  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 データシート(HTML) 13 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 9Page - ATMEL Corporation STK504 Datasheet HTML 10Page - ATMEL Corporation STK504 Datasheet HTML 11Page - ATMEL Corporation STK504 Datasheet HTML 12Page - ATMEL Corporation STK504 Datasheet HTML 13Page - ATMEL Corporation STK504 Datasheet HTML 14Page - ATMEL Corporation STK504 Datasheet HTML 15Page - ATMEL Corporation STK504 Datasheet HTML 16Page - ATMEL Corporation STK504 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
There is also a crystal socket on STK504 where you can place a crystal. This is
to enable high-frequency crystals (>8MHz) to be used. Because of long wires
and large capacitances on the clock nets on STK500, you should put your HF
crystal on STK504 and not in the socket on STK500.
Fuse settings
To use the different clock options, the AVR's programmable fuses must be set
right. Consult the AVR's datasheet and the STK500 programming section on how
to set the appropriate fuses.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21